Part Number Hot Search : 
K340310 J100CA 1V102 BR201 AWT6314R DFLZ33 FR240 N0613
Product Description
Full Text Search
 

To Download IL203-X009 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  optocoupler, phototransistor output, low input current, low input current, with base connection www.vishay.com for technical questions, contact: optocoupler.answers@vishay.com document number: 83613 308 rev. 1.5, 08-may-08 il201/il202/il203 vishay semiconductors description the il201/il202/il203 are optically coupled pairs employing a gallium arsenide infrared led and a silicon npn phototransistor. signal inform ation, including a dc level, can be transmitted by the device while maintaining a high degree of electrical isolation between input and output. the il201/il202/il203 can be used to replace relays and transformers in many digital interface applications, as well as analog applications such as crt modulation. features ? guaranteed at i f = 1.0 ma ? high collector emitter voltage, bv ceo = 70 v ? long term stability ? industry standard dip package ? lead (pb)-free component ? component in accordance to rohs 2002/95/ec and weee 2002/96/ec agency approvals ? ul1577, file no. e52744 system code h or j, double protection ? din en 60747-5-5 available with option 1 ? bsi iec 60950; iec 60065 note for additional information on the availabl e options refer to option information. i179004 1 2 3 6 5 4 b c e a c n c order information part remarks il201 ctr 75 to 150 %, dip-6 il202 ctr 125 to 250 %, dip-6 il203 ctr 225 to 450 %, dip-6 il203-x007 ctr 225 to 450 %, smd-6 (option 7) IL203-X009 ctr 225 to 450 %, smd-6 (option 9) absolute maximum ratings parameter test condition symbol value unit input peak reverse voltage v r 6.0 v forward continuous current i f 60 ma power dissipation p diss 100 mw derate linearly from 25 c 1.33 mw/c output collector emitter breakdown voltage bv ceo 70 v emitter collector breakdown voltage bv eco 7.0 v collector base breakdown voltage bv cbo 70 v power dissipation p diss 200 mw derate linearly from 25 c 2.6 mw/c
document number: 83613 for technical questi ons, contact: optocoupler.answers@vishay.com www.vishay.com rev. 1.5, 08-may-08 309 il201/il202/il203 optocoupler, phototransistor output, low input current, low input current, with base connection vishay semiconductors note t amb = 25 c, unless otherwise specified. stresses in excess of the absolute maximu m ratings can cause permanent damage to the device. functional operation of the device is not implied at these or any other c onditions in excess of t hose given in the operational sections of this document. exposure to absolute ma ximum ratings for extended periods of the time can adversely affect reliability. note t amb = 25 c, unless otherwise specified. minimum and maximum values are test ing requirements. typical values are characteri stics of the device and are the result of eng ineering evaluation. typical values are for information only and are not part of the testing requirements. coupler isolation test voltage t = 1.0 s v iso 5300 v rms total package dissipation (led and detector) p tot 250 mw derate linearly from 25 c 3.3 mw/c creepage distance 7.0 mm clearance distance 7.0 mm storage temperature t stg - 55 to + 150 c operating temperature t amb - 55 to + 100 c lead soldering time 260 c 10 s absolute maximum ratings parameter test condition symbol value unit electrical characteristics parameter test condition symbol min. typ. max. unit input forward voltage i f = 20 ma v f 1.2 1.5 v i f = 1.0 ma v f 1.0 1.2 v breakdown voltage i r = 10 a v f 6.0 20 v reverse current v r = 6.0 v i r 0.1 10 a output dc forward current gain v ce = 5.0 v, i c = 100 a h fe 100 200 collector emitter breakdown voltage i c = 100 a bv ceo 70 v emitter collector breakdown voltage i e = 100 a bv eco 7.0 10 v collector base breakdown voltage i c = 10 a bv cbo 70 90 v leakage current collector emitter v ce = 10 v, t a = 25 c i ceo 5.0 50 na current transfer ratio parameter test condition part symbol min. typ. max. unit current transfer ratio (collector to base) i f = 10 ma, v cb = 10 v ctr cb 15 % i f = 10 ma, i c = 2.0 ma ctr cb 40 % dc current transfer ratio i f = 10 ma, v cb = 10 v il201 ctr dc 75 100 150 % il202 ctr dc 125 200 250 % il203 ctr dc 225 300 450 % i f = 1.0 ma, v ce = 10 v il201 ctr dc 10 % il202 ctr dc 30 % il203 ctr dc 50 %
www.vishay.com for technical questions, contact: optocoupler.answers@vishay.com document number: 83613 310 rev. 1.5, 08-may-08 il201/il202/il203 vishay semiconductors optocoupler, phototransistor output, low input current, low input current, with base connection typical characteristics t amb = 25 c, unless otherwise specified fig. 1 - forward voltage vs. forward current fig. 2 - normalized non-saturated and saturated ctr vs. led current fig. 3 - normalized non-saturated and saturated ctr vs. led current fig. 4 - normalized non-saturated and saturated ctr vs. led current fig. 5 - normalized non-saturated and saturated ctr vs. led current fig. 6 - collector emitter curre nt vs. temperature and led current iil201_01 100 10 1 0.1 0.7 0. 8 0.9 1.0 1.1 1.2 1.3 1.4 i f - for w ard c u rrent (ma) v f -for w ard v oltage ( v ) t a = - 55 c t a = 100 c t a = 25 c iil201_02 100 10 1 0.1 0.0 0.5 1.0 1.5 n ctr(sat) n ctr i f - led c u rrent (ma) n ctr - n ormalized ctr n ormalized to: v ce = 10 v ,i f = 10 ma t a = 25 c ctrce(sat) v ce = 0.4 v iil201_03 100 10 1 0.1 0.0 0.5 1.0 1.5 n ctr(sat) n ctr i f - led c u rrent (ma) n ctr - n ormalized ctr n ormalized to: v ce = 10 v , i 0 v f = 10 ma, t a = 25 c t a = 50 c ctrce(sat) v ce = 0.4 v iil201_04 100 10 1 0.1 0.0 0.5 1.0 1.5 i f - led c u rrent (ma) n ctr(sat) n ctr n ormalized to: v ce = 10 v , i f = 10 ma t a = 25 c ctrce(sat) v ce = 0.4 v t a = 70 c n ctr - n ormalized ctr iil201_05 0.1 1 10 100 1.5 1.0 0.5 0.0 n ctr - n ormalized ctr n ctr(sat) n ctr n ormalized to: v ce = 10 v , i f = 10 ma, t a = 25 c ctrce(sat) v ce = 0.4 v t a = 8 5 c i f - led c u rrent (ma) iil201_06 60 50 40 30 20 10 0 0 5 10 15 20 25 30 35 50 c 70 c 8 5 c i ce - collector c u rrent (ma) 25 c i f - led c u rrent (ma)
document number: 83613 for technical questi ons, contact: optocoupler.answers@vishay.com www.vishay.com rev. 1.5, 08-may-08 311 il201/il202/il203 optocoupler, phototransistor output, low input current, low input current, with base connection vishay semiconductors fig. 7 - collector emitter leakage current vs.temperature fig. 8 - normalized ctr cb vs. led current and temperature fig. 9 - collector base p hotocurrent vs. led current fig. 10 - normalized photocurrent vs. i f and temperature fig. 11 - normalized saturated h fe vs. base current and temperature fig. 12 - propagation delay vs. collector load resistor iil201_07 100 8 0 60 40 20 0 - 20 10 10 10 10 10 10 10 10 -2 -1 0 1 2 3 4 5 t a - am b ient temperat u re (c) i ceo - collector-emitter (na) v ce = 10 v typical iil201_0 8 0.1 1 10 100 0.0 0.5 1.0 1.5 50 c 70 c n ctr c b - n ormalized ctrc b n ormalized to: i f = 10 ma v c b = 9.3 v t a = 25 c 25 c i f - led c u rrent (ma) iil201_09 100 10 1 0.1 0.01 0.1 1 10 100 1000 i c b - collector base photoc u rrent ( a) i c b = 1.0357 * i f ^ 1.3631 t a = 25 c i f - led c u rrent (ma) iil201_10 100 10 1 0.1 0.01 0.1 1 10 n ormalized photoc u rrent n ormalized to: i f = 10 ma, t a = 25 c i f - led c u rrent (ma) n ib-t a = - 20 c n i b ,t a = 25 c n i b ,t a = 50 c n i b ,t a = 70 c iil201_11 1 10 100 1000 0.0 0.5 1.0 1.5 2.0 25 c 50 c 70 c i b - base c u rrent ( a) n h fe(sat) - n ormalized sat u rated h fe v ce = 0.4 v i b = 20 a v ce = 10 v t a = 25 c n ormalized to: iil201_11 r l - collector load resistor (k ) 100 10 1 0.1 1 10 100 1000 1.0 1.5 2.0 2.5 t plh t phl t plh - propagation delay ( s) t phl - propagation delay ( s) t a = 25 c, i f = 10 ma v cc = 5 v , v th = 1.5 v
www.vishay.com for technical questions, contact: optocoupler.answers@vishay.com document number: 83613 312 rev. 1.5, 08-may-08 il201/il202/il203 vishay semiconductors optocoupler, phototransistor output, low input current, low input current, with base connection fig. 13 - normalized non-saturated and saturated ctr ce vs. led current fig. 14 - normalized non-saturated h fe vs. base current and temperature package dimensions in inches (millimeters) iil201_13 0.1 10 100 0.0 0.1 1.0 1.5 2.0 v ce = 0.4 v n ctr ce - n ormalized ctr ce n ormalized to: 1 t a = 25 c v ce = 5 v i f = 1 ma i f - led c u rrent (ma) v ce = 5 v iil201_14 1 10 100 1000 0.4 0.6 0. 8 1.0 1.2 i b - base c u rrent ( a) n h fe - n ormalized h fe i b = 20 a v ce = 10 v t a = 25 c - 20 c 25 c 50 c 70 c n ormalized to: i17 8 004 0.010 (0.25) typ. 0.114 (2.90) 0.130 (3.0) 0.130 (3.30) 0.150 (3. 8 1) 0.031 (0. 8 0) min. 0.300 (7.62) typ. 0.031 (0. 8 0) 0.035 (0.90) 0.100 (2.54) typ. 0.039 (1.00) min. 0.01 8 (0.45) 0.022 (0.55) 0.04 8 0.022 (0.55) 0.24 8 (6.30) 0.256 (6.50) 0.335 ( 8 .50) 0.343 ( 8 .70) pin one id 6 5 4 1 2 3 1 8 3 to 9 0.300 to 0.347 (7.62 to 8 . 8 1) 4 typ. iso method a (0.45) 0.315 ( 8 .0) min. 0.300 (7.62) typ. 0.1 8 0 (4.6) 0.160 (4.1) 0.331 ( 8 .4) min. 0.406 (10.3) max. 0.02 8 (0.7) option 7 1 8 494 min. 0.315 ( 8 .00) 0.020 (0.51) 0.040 (1.02) 0.300 (7.62) ref. 0.375 (9.53) 0.395 (10.03) 0.012 (0.30) typ. 0.0040 (0.102) 0.009 8 (0.249) 15 max. option 9
document number: 83613 for technical questi ons, contact: optocoupler.answers@vishay.com www.vishay.com rev. 1.5, 08-may-08 313 il201/il202/il203 optocoupler, phototransistor output, low input current, low input current, with base connection vishay semiconductors ozone depleting substa nces policy statement it is the policy of vishay semiconductor gmbh to 1. meet all present and future national and international statutory requirements. 2. regularly and continuously improve t he performance of our products, processes, distribution and o perating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. it is particular concern to control or eliminate releases of those substances in to the atmosphere whic h are known as ozone depleting substances (odss). the montreal protocol (1987) a nd its london amendments (1990) intend to severely restrict the use of odss and forbid their use within the next ten years. vari ous national and international initiatives are pressing for an earlier ban on these substances. vishay semiconductor gmbh has been able to use its policy of co ntinuous improvements to elim inate the use of odss listed in the following documents. 1. annex a, b and list of transitional substances of the montreal protocol and the london amendments respectively. 2. class i and ii ozone depleting substances in the clean air ac t amendments of 1990 by the environmental protection agency (epa) in the usa. 3. council decision 88/540/eec and 91/690/eec annex a, b and c (transitional substances) respectively. vishay semiconductor gmbh can certify t hat our semiconductors are not manufactured with ozone dep leting substances and do not contain such substances. we reserve the right to make changes to improve technical design and may do so without further notice. parameters can vary in different applications. all operating para meters must be validated for each customer application by the customer. should the buyer use vishay semiconductors products for any unintended or unauthorized application, the buyer shall indemnify vishay semiconductors against all claims, costs, dam ages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death as sociated with such unint ended or unauthorized use. vishay semiconductor gmbh, p.o.b. 3535, d-74025 heilbronn, germany
document number: 91000 www.vishay.com revision: 18-jul-08 1 disclaimer legal disclaimer notice vishay all product specifications and data are subject to change without notice. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, ?vishay?), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. vishay disclaims any and all li ability arising out of the use or application of any product describ ed herein or of any information provided herein to the maximum extent permit ted by law. the product specifications do not expand or otherwise modify vishay?s terms and conditions of purcha se, including but not limited to the warranty expressed therein, which apply to these products. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of vishay. the products shown herein are not designed for use in medi cal, life-saving, or life-sustaining applications unless otherwise expressly indicated. customers using or selling vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify vishay for any damages arising or resulting from such use or sale. please contact authorized vishay personnel to obtain written terms and conditions regarding products designed for such applications. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of IL203-X009

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X